Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download ZD4728A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
1W Zener Diodes
Spec. No. : C500SA Issued Date : 2006.12.14 Revised Date : Page No. : 1/4
ZD4728ASA thru ZD4755ASA
Features
* 1W power dissipation * Voltages range from 3.3 to 43V * Designed for mounting on small surface * Extremely thin/leadless package
Mechanical Data
* Case : Molded plastic, SMA/JEDEC DO-214AC(SMA) * Terminals : Solder plated, solderable per MIL-STD-750 method 2026 * Polarity : Indicated by cathode band. * Mounting position : Any * Weight : 0.05 gram (approx.)
Absolute Maximum Ratings(Ta=25, unless otherwise specified)
Parameter Forward Voltage Power Dissipation Forward surge current Storage temperature Operating temperature Condition IF=200mA 8.3ms single half sine wave superimposed on rated load (JEDEC method) Symbol VF PD IFSM Tstg TJ Min -55 -55 Typ Max 1.2 1 100 +125 +125 Unit V W mA
ZD4728ASA-4755ASA
CYStek Product Specification
CYStech Electronics Corp.
Zener voltage V 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 Test current IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 ZZT@IZT 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 Zener impedance ZZK@IZK 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Spec. No. : C500SA Issued Date : 2006.12.14 Revised Date : Page No. : 2/4
Electrical Characteristics(Rating at 25C ambient temperature unless otherwise specified. )
Device ZD4728A ZD4729A ZD4730A ZD4731A ZD4732A ZD4733A ZD4734A ZD4735A ZD4736A ZD4737A ZD4738A ZD4739A ZD4740A ZD4741A ZD4742A ZD4743A ZD4744A ZD4745A ZD4746A ZD4747A ZD4748A ZD4749A ZD4750A ZD4751A ZD4752A ZD4753A ZD4754A ZD4755A Marking Code VZ@IZT Z3V3 Z3V6 Z3V9 Z4V3 Z4V7 Z5V1 Z5V6 Z6V2 Z6V8 Z7V5 Z8V2 Z9V1 Z10 Z11 Z12 Z13 Z15 Z16 Z18 Z20 Z22 Z24 Z27 Z30 Z33 Z36 Z39 Z43 Leakage current IR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 VR V 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.4 27.4 29.7 32.7 Surge current Isurge mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 105
Note: 5% tolerance of Zener voltage
ZD4728ASA-4755ASA
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Spec. No. : C500SA Issued Date : 2006.12.14 Revised Date : Page No. : 3/4
ZD4728ASA-4755ASA
CYStek Product Specification
CYStech Electronics Corp.
SMA/DO-214AC Dimension
Spec. No. : C500SA Issued Date : 2006.12.14 Revised Date : Page No. : 4/4
A
C
B
D SMA Plastic Surface Mounted Package CYStek Package Code:SA
E
G
F
*:Typical
DIM A B C D
Inches Min. Max. 0.177 0.185 0.094 0.110 0.012(typ) 0.150 0.165
Millimeters Min. Max. 4.4 4.8 2.4 2.8 0.3(typ) 3.8 4.2
DIM E F G -
Inches Min. Max. 0.060 0.067 0.04(typ) 0.04(typ) -
Millimeters Min. Max. 1.5 1.7 1.0(typ) 1.0(typ) -
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
ZD4728ASA-4755ASA
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of ZD4728A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X